Part Number Hot Search : 
100S3 CPH6612 GDIAGRA 313010P 2N350 SMDB24 1N4699C 1A225
Product Description
Full Text Search
 

To Download AFBR-5710ALZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  afbr-5710z and afbr-5715z families of multi-mode small form factor pluggable (sfp) optical transceivers with optional dmi for gigabit ethernet (1.25 gbd) data sheet features ? rohs-6 compliant ? compliant to ieee 802.3 gigabit ethernet (1.25gbd) 1000basesx ? optional digital diagnostic monitoring available - afbr-5710z family: without dmi - afbr-5715z family: with dmi ? per sff-8472, diagnostic features on afbr-5715z family enable diagnostic monitoring interface for optical transceivers with real-time monitoring of: - transmitted optical power - received optical power - laser bias current - temperature - supply voltage ? transceiver specifications according to sfp multi- source agreement (sff-8074i) and sff-8472, revision 9.3 ? manufactured in an iso 9001 compliant facility ? hot-pluggable ? temperature options - (extended) -10c to +85c - (industrial) -40c to +85c ? +3.3 v dc power supply ? industry leading emi performance for high port den - sity ? 850 nm vertical cavity surface emitting laser (vcsel) ? eye safety certifed ? lc-duplex fber connector compliant applications ? ethernet switch ? enterprise router ? broadband aggregation and wireless infrastructure ? metro ethernet multi-service access & provisioning platforms description the afbr-571 x z family of sfp optical transceivers ofers the customer a wide range of design options, includ - ing optional dmi features (further described later), two temperature ranges (extended or industrial), and choice of standard or bail delatch. the afbr-5715z family targets those applications requiring dmi features. the afbr-5710z family is a streamlined product designed for those applications where dmi features are not needed. throughout this document, afbr-571 x z will be used to refer collectively to the product family encompassing this entire range of product options. part number options the afbr-571 x z sfp family includes the following prod - ucts: part number dmi temperature latch afbr-5710lz no extended standard afbr-5710pz no extended bail AFBR-5710ALZ no industrial standard afbr-5710apz no industrial bail afbr-5715lz yes extended standard afbr-5715pz yes extended bail afbr-5715alz yes industrial standard afbr-5715apz yes industrial bail * extended temperature range is -10 to 85 c industrial temperature range is -40 to 85 c related products ? afbr-5705z family: dual-rate 1.25 gbd ethernet (1000base-sx) & 1.0625 gbd fiber channel sfp with dmi ? abcu-5710rz family : 1.25 gbd ethernet (1000base-t) sfp for cat5 cable ? afct-5705z family: 1.25 gbd ethernet (1000base-lx) & 1.0265 gbd fiber-channel sfp with dmi patent - www.avagotech.com/patents
2 figure 1. sfp block diagram light from fiber light to fiber photo-detector receiver amplification & quantization rd+ (receive data) rde (receive data) rx loss of signal vcsel transmitte r laser driver & safety circuitry tx_disable td+ (transmit data) td e (transmit data) tx_fault electrical interface mod-def2 (sda) mod-def1 (scl) mod-def0 controller & memory optical interface v ee t 20 td? 19 td+ 18 v ee t 17 v cc t 16 v cc r 15 v ee r 14 rd+ 13 rd? 12 v ee r 11 top of board v ee t 1 tx fault 2 tx disable 3 mod-def(2) 4 mod-def(1) 5 mod-def(0) 6 rate select 7 los 8 v ee r 9 v ee r 10 bottom of board (as viewed through top of board) engagement sequence 3 2 13 2 1 figure 2. pin description of the sfp electrical interface. overview the afbr-571 x z family of optical transceivers are com - pliant with the specifcations set forth in the ieee802.3 (1000base-sx) and the small form-factor pluggable (sfp) multi-source agreement (msa). this family of transceivers is qualifed in accordance with telcordia gr-468-core. its primary application is servicing gigabit ethernet links between optical networking equipment. the afbr-571 x z ofers maxi mum fexibility to designers, manufacturers, and operators of gigabit ethernet net - working equipment. a pluggable architec ture allows the module to be installed into msa standard sfp ports at any time C even with the host equipment operating and online. this facilitates the rapid confguration of equip - ment to precisely the users needs C reducing inventory costs and network downtime. compared with traditional transceivers, the size of the small form factor package enables higher port densities. module diagrams figure 1 illustrates the major functional components of the afbr-571 x z. the external confguration of the module is depicted in figure 7. figure 8 depicts the panel and host board footprints.
3 installation the afbr-571 x z can be installed in or removed from any msa-compliant pluggable small form factor port regard - less of whether the host equipment is operating or not. the module is simply inserted, electrical-interface frst, under fnger-pressure. controlled hot-plugging is ensured by 3 - stage pin sequencing at the electrical interface. this printed circuit board card-edge connector is depicted in figure 2. as the module is inserted, frst contact is made by the housing ground shield, discharging any potentially com - ponent-damaging static electricity. ground pins engage next and are followed by tx and rx power supplies. finally, signal lines are connected. pin functions and sequencing are listed in table 2. transmitter section the transmitter section includes the transmitter optical sub assembly (tosa) and laser driver circuitry. the tosa, containing an 850 nm vcsel (vertical cavity surface emit - ting laser) light source, is located at the optical interface and mates with the lc optical connector. the tosa is driven by a custom ic, which converts diferential logic signals into an analog laser diode drive current. this tx driver circuit regu - lates the optical power at a constant level provided the data pattern is dc balanced (8b10b code for example). transmit disable (tx_disable) the afbr-571 x z accepts a ttl and cmos compatible transmit disable control signal input (pin 3) which shuts down the transmitter optical output. a high signal imple - ments this function while a low signal allows normal transceiver operation. in the event of a fault (e.g. eye safety circuit activated), cycling this control signal resets the module as depicted in figure 6. an internal pull-up resistor disables the transceiver transmitter until the host pulls the input low. host systems should allow a 10ms interval between successive assertions of this control signal. tx_disable can also be asserted via the 2-wire serial interface (address a2h, byte 110, bit 6) and monitored (address a2h, byte 110, bit 7). the contents of a2h, byte 110, bit 6 are logic ord with hardware tx_disable (pin 3) to control transmitter opera - tion. transmit fault (tx_fault) a catastrophic laser fault will activate the transmitter signal, tx_fault, and disable the laser. this signal is an open collec - tor output (pull-up required on the host board). a low signal indicates normal laser operation and a high signal indicates a fault. the tx_fault will be latched high when a laser fault occurs and is cleared by toggling the tx_disable input or power cycling the transceiver. the transmitter fault condition can also be monitored via the 2-wire serial interface (address a2, byte 110, bit 2). eye safety circuit the afbr-571 x z provides class 1 eye safety by design and has been tested for compliance with the requirements listed in table 1. the eye safety circuit continu ously moni - tors optical output power levels and will disable the trans - mitter and assert a tx_fault signal upon detecting an unsafe condition. such unsafe conditions can be created by inputs from the host board (vcc fuxuation, unbalanced code) or faults within the module. receiver section the receiver section includes the receiver optical subas - sembly (rosa) and amplifcation/quantization circuitry. the rosa, containing a pin photodiode and custom trans-im - pedance preamplifer, is located at the optical interface and mates with the lc optical connector. the rosa is mated to a custom ic that provides post-amplifcation and quantiza - tion. also included is a loss of signal (los) detection circuit. receiver loss of signal (rx_los) the loss of signal (los) output indicates an unusable optical input power level. the loss of signal thresholds are set to indicate a defnite optical fault has occurred (e.g., disconnected or broken fber connection to receiver, failed transmitter, etc.). the post-amplifcation ic includes transition detection circuitry which monitors the ac level of incoming optical signals and provides a ttl/cmos compatible status signal to the host (pin 8). an adequate optical input results in a low rx_los output while a high rx_los output indicates an unusable optical input. the rx_los thresholds are fac - tory-set so that a high output indicates a defnite optical fault has occurred. for the afbr-5715z family, rx_los can also be monitored via the 2-wire serial interface (address a2h, byte 110, bit 1).
4 functional i/o the afbr-571 x z accepts industry standard diferential signals such as lvpecl and cml within the scope of the sfp msa. to simplify board requirements, transmitter bias resistors and ac coupling capacitors are incorporated, per sff-8074i, and hence are not required on the host board. the module is ac-coupled and internally terminated. figure 3 illustrates a recommended interface circuit to link the afbr-571 x z to the supporting physical layer integrated circuits. timing diagrams for the msa compliant control signals implemented in this module are depicted in figure 6. the afbr-571 x z interfaces with the host circuit board through twenty i/o pins (sfp electrical connector) identifed by function in table 2. the afbr-571 x z high speed transmit and receive interfaces require sfp msa compliant signal lines on the host board. the tx_disable, tx_fault, and rx_los lines require ttl lines on the host board (per sff-8074i) if used. if an application chooses not to take advantage of the functionality of these pins, care must be taken to ground tx_disable (for normal operation). figure 3. typical application confguration. laser drive r & eye safety circuitry 50 50 so1+ so1? amplification & quantization 50 50 si1+ si1? vrefr tbc ewrap rbc rx_rate rx_los gpio(x) gpio(x) gp14 tx_fault gp04 sync loop syn1 rc1(0:1) rfct tx[0:9] rx[0:9] tx_fault tx_disable veet rd+ rd? rx_los mod_def2 eeprom mod_def1 mod_def0 ref_rate note: * 4.7 k < res < 10 k v cc t,r 125 mhz avago afbr-571x z v cc t 1 h 1 h 10 f 0.1 f v cc t,r v cc r 10 f 0.1 f 0.1 f avago hdmp-168 7 r rcm0 c c refclk mac asic *res *res *res *res veer td+ td? c c r *res housing ground *res digital diagnostic interface and serial identifcation (eeprom) the entire afbr-571 x z family complies with the sff- 8074i sfp specifcation. the afbr-5715z family further complies with sff-8472, the sfp specifcation for digital diagnostic monitoring interface. both specifcations can be found at http://www.sfcommittee.org. the afbr-571 x z features an eeprom for serial id, which contains the product data stored for retrieval by host equipment. this data is accessed via the 2-wire serial eeprom protocol of the atmel at24c01a or similar, in compliance with the industry standard sfp multi-source agreement. the base eeprom memory, bytes 0-255 at memory address 0xa0, is organized in compliance with sff-8074i. contents of this serial id memory are shown in table 10. the i2c accessible memory page address 0xb0 is used internally by sfp for the test and diagnostic purposes and it is reserved.
5 as an enhancement to the conventional sfp interface defned in sff-8074i, the afbr-5715z family is compliant to sff-8472 (digital diagnostic interface for optical trans - ceivers). this new digital diagnostic information is stored in bytes 0-255 at memory address 0xa2.using the 2-wire serial interface defned in the msa, the afbr-5715z provides real time temperature, supply voltage, laser bias current, laser average output power and received input power. these parameters are internally calibrated, per the msa. the digital diagnostic interface also adds the ability to disable the transmitter (tx_disable), monitor for trans - mitter faults (tx_fault), and monitor for receiver loss of signal (rx_los). the new diagnostic information provides the oppor - tunity for predictive failure identifcation, compliance prediction, fault isolation and component monitoring. predictive failure identifcation the predictive failure feature allows a host to identify potential link problems before system performance is impacted. prior identifcation of link problems enables a host to service an application via fail over to a redun - dant link or replace a suspect device, maintaining system uptime in the process. for applications where ultra-high system uptime is required, a digital sfp provides a means to monitor two real-time laser metrics associated with ob - serving laser degradation and predicting failure: average laser bias current (tx_bias) and average laser optical power (tx_power). compliance prediction compliance prediction is the ability to determine if an optical transceiver is operating within its operating and environmental requirements. afbr-5715z devices provide real-time access to transceiver internal supply voltage and temperature, allowing a host to identify potential component compliance issues. received optical power is also available to assess compliance of a cable plant and remote transmitter. when operating out of requirements, the link cannot guarantee error free transmission. fault isolation the fault isolation feature allows a host to quickly pin - point the location of a link failure, minimizing downtime. for optical links, the ability to identify a fault at a local device, remote device or cable plant is crucial to speeding service of an installation. afbr-5715z real-time monitors of tx_bias, tx_power, vcc, temperature and rx_power can be used to assess local transceiver current operating conditions. in addition, status fags tx_disable and rx loss of signal (los) are mirrored in memory and available via the two-wire serial interface. component monitoring component evaluation is a more casual use of the afbr- 5715z real-time monitors of tx_bias, tx_power, vcc, tem - perature and rx_power. potential uses are as debugging aids for system installation and design, and transceiver parametric evaluation for factory or feld qualifcation. for example, temperature per module can be observed in high density applications to facilitate thermal evaluation of blades, pci cards and systems. required host board components the msa power supply noise rejection flter is required on the host pcb to meet data sheet performance. the msa flter incorporates an inductor which should be rated 400 madc and 1 ? series resistance or better. it should not be replaced with a ferrite. the required flter is illustrated in figure 4. the msa also specifes that 4.7 k to 10 k ? pull-up resis - tors for tx_fault, los, and mod_def0,1,2 are required on the host pcb. 1 h 1 h 0.1 f v cc r sfp module 10 f v cc t 0.1 f 10 f 3.3 v host board 0.1 f figure 4. msa required power supply flter.
6 fiber compatibility the afbr-571xz transciever is capable of transmission at 2 to 550 meters with 50/125 m fber, and at 2 to 275 meters with 62.5 125 m fber, for 1.25 gbd ethernet. it is capable of transmission up to 500m with 50/125 m fber and up to 300m with 62.5/125 m fber, for 1.0625 gbd fiber channel. application support to assist in the transceiver evaluation process, agilent ofers a 1.25 gbd gigabit ethernet evaluation board which facilitates testing of the afbr-571 x z. it can be obtained through the agilent field organization by ref - erencing agilent part number hfbr-0571. a reference design including the afbr-571 x z and the hdmp-1687 gigabit quad serdes is available. it may be obtained through the agilent field sales organization. regulatory compliance see table 1 for transceiver regulatory compliance. certi - fcation level is dependent on the overall confguration of the host equipment. the transceiver performance is ofered as a fgure of merit to assist the designer. electrostatic discharge (esd) the afbr-571 x z exceeds typical industry standards and is compatible with esd levels found in typical manufactur - ing and operating environments as described in table 1. there are two design cases in which immunity to esd damage is important. the frst case is during handling of the transceiver prior to insertion into the transceiver port. to protect the trans - ceiver, its important to use normal esd handling precau - tions. these precautions include using grounded wrist straps, work benches, and foor mats in esd controlled areas. the esd sensitivity of the afbr-571 x z is compat - ible with typical industry production environments. the second case to consider is static discharges to the exterior of the host equipment chassis after installation. to the extent that the optical interface is exposed to the outside of the host equipment chassis, it may be subject to system-level esd requirements. electromagnetic interference (emi) equipment using the afbr-571 x z family of transceivers is typically required to meet the require ments of the fcc in the united states, cenelec en55022 (cispr 22) in europe, and vcci in japan. the metal housing and shielded design of the afbr- 571xz minimize the emi challenge facing the host equip - ment designer. emi immunity equipment hosting afbr-571 x z modules will be sub - jected to radio-frequency electromagnetic felds in some environments. the transceiver has excellent immunity to such felds due to its shielded design. flammability the afbr-571 x z transceiver is made of metal and high strength, heat resistant, chemically resistant, and ul 94v-0 fame retardant plastic. customer manufacturing processes this module is pluggable and is not designed for aqueous wash, ir refow, or wave soldering processes.
7 table 1. regulatory compliance feature test method performance electrostatic discharge (esd)to the electrical pins jedec/eiajesd22-a114-a class 2 (> +2000 volts) electrostatic discharge (esd) to the duplex lc reseptacle variation of iec 6100-4-2 typically withstands at least 25 kv without damage when the duplex lc connector receptacle is contacted by a human body model probe electromagnetic interference(emi) fcc class b cenelec en55022 class b (cispr 22a) vcci class 1 applications with high sfp port counts are expected to be compliant; however, margins are dependent on customer board and chassis design. immunity variation of iec 61000-4-3 typically shows a negligible efect from a 10 v/m feld swept from 80 to 1000 mhz applied to the transceiver without a chassis enclosure. eye safety us fda cdrh ael class 1 en(iec)60825-1,2, en60950 class 1 cdrh certifcation #9720151-57 tuv fle rr72102090.01 component recognition underwriters laboratories and canadian standards association joint component recognition for information technology equipment including electrical business equipment ul file #e173874 rohs compliance less than 1000ppm of: cadmium, lead, mercury, hexavalent chromium, polybrominated biphenyls, and polybrominated biphenyl ethers. caution there are no user serviceable parts nor any maintenance required for the afbr-571 x z. all adjustments are made at the factory before shipment to our customers. tampering with, modifying, misusing or improp erly handling the afbr-571 x z will void the product warranty. it may also result in improper operation of the afbr-571 x z circuitry, and possible overstress of the laser source. device deg - radation or product failure may result. connection of the afbr-571 x z to a non-gigabit ethernet compliant or non- fiber channel compliant optical source, operating above the recommended absolute maximum conditions or operating the afbr-571 x z in a manner inconsistent with its design and function may result in hazardous radiation exposure and may be considered an act of modifying or manufacturing a laser product. the person(s) performing such an act is required by law to re-certify and re-identify the laser product under the provisions of u.s. 21 cfr (subchapter j).
8 table 2. pin description pin name function/description engagement order(insertion) notes 1 veet transmitter ground 1 2 tx fault transmitter fault indication 3 1 3 tx disable transmitter disable - module disables on high or open 3 2 4 mod-def2 module defnition 2 - two wire serial id interface 3 3 5 mod-def1 module defnition 1 - two wire serial id interface 3 3 6 mod-def0 module defnition 0 - grounded in module 3 3 7 rate selection not connected 3 8 los loss of signal 3 4 9 veer receiver ground 1 10 veer receiver ground 1 11 veer receiver ground 1 12 rd- inverse received data out 3 5 13 rd+ received data out 3 5 14 veer reciver ground 1 15 vccr receiver power -3.3 v 5% 2 6 16 vcct transmitter power -3.3 v 5% 2 6 17 veet transmitter ground 1 18 td+ transmitter data in 3 7 19 td- inverse transmitter data in 3 7 20 veet transmitter ground 1 notes: 1. tx fault is an open collector/drain output which should be pulled up externally with a 4.7k ? C 10 k ? resistor on the host board to a supply 9 table 3. absolute maximum ratings parameter symbol minimum maximum unit notes ambient storage temperature (non-operating) ts -40 +100 c 1, 2 case temperature t c -40 +85 c 1, 2 relative humidity rh 5 95 % 1 supply voltage v cct,r -0.5 3.8 v 1, 2, 3 low speed input voltage v in -0.5 v cc +0.5 v 1 notes: 1. absolute maximum ratings are those values beyond which damage to the device may occur if these limits are exceeded. see reliability data sheet for specifc reliability performance. 2. between absolute maximum ratings and the recommended operating conditions functional performance is not intended, device reliability is not implied, and damage to the device may occur. 3. the module supply voltages, v cc t and v cc r, must not difer by more than 0.5v or damage to the device may occur. table 4. recommended operating conditions parameter symbol minimum typical maximum unit notes case temperature afbr-571xlz/pz afbr-571xalz/apz t c t c -10 -40 25 25 85 85 c c 1, 2 1, 2 supply voltage v cc 3.135 3.3 3.465 v 1 notes: 1. recommended operating conditions are those within which functional performance within data sheet characteristics is intended. 2. refer to the reliability data sheet for specifc reliability performance predictions. table 5. transceiver electrical characteristics parameter symbol minimum typical maximum unit notes module supply current i cc 160 220 ma power dissipation p diss 530 765 mw power supply noise rejection(peak-peak) psnr 100 mv pp 1 data input: transmitter diferential input voltage (td +/-) v i 500 2400 mv pp 2 data output: receiver diferential output voltage (rd +/-) v o 370 1500 2000 mv pp 3 receive data rise & fall times t rf 220 ps low speed outputs: transmit fault (tx_fault) loss of signal (los), mod_def2 v oh 2.0 v cc t,r+0.3 v 4 v ol 0 0.8 v low speed inputs: transmitter disable(tx_disable), mod_def 1, mod_def 2 v ih 2.0 v cc v 5 v il 0 0.8 v notes: 1. measured at the input of the required msa filter on host board. 2. internally ac coupled and terminated to 100 ? diferential load. 3. internally ac coupled, but requires a 100 ? diferential termination at or internal to serializer/deserializer. 4. pulled up externally with a 4.7-10 k ? resistor on the host board to v cc t,r. 5. mod_def1 and mod_def2 must be pulled up externally with a 4.7-10 k ? resistor on the host board to v cc t,r.
10 table 7. receiver optical characteristics parameter symbol minimum typical maximum unit notes optical input power p r -17 0 dbm receiver sensitivity (optical input power) p rmin -21 -17 dbm stressed receiver sensitivity -12.5 dbm 62.5/125 m m fber -13.5 dbm 50/125 m m fber total jitter (tp3 to tp4 contribution 1.25gbd) tj 266 ps 0.332 ui return loss -12 db los de-asserted p d - -17 dbm los asserted p a -30 dbm los hysterisis p d -p a 3 db table 6. transmitter optical characteristics parameter symbol minimum typical maximum unit notes output optical power (average) p out -9.5 -6.5 -3 dbm 1 optical extinction ratio er 9 12 db center wavelength l c 830 850 860 nm spectral width - rms s 0.85 nm optical rise/fall time t rise / fall 150 260 ps relative intensity noise rin -117 db/hz total jitter (tp1 to tp2 contribution tj 227 ps 0.284 ui pout tx_disable assorted p off -35 dbm notes: 1. 50/125 m fber with na = 0.2, 62.5/125 m fber with na = 0.275. figure 5a. gigabit ethernet transmitter eye mask diagram figure 5b. typical afbr-571xz eye mask diagram 80 50 20 0 22 37.5 78 normalized time (% of unit interval) normalized amplitude (%) 100 100 0 130 62.5 ?20 0.80 0.50 0.20 1.00 0 1.30 ?0.20 normalized amplitude 0 0.22 0.375 0.78 1.0 0.625 normalized time (unit interval)
11 table 8. transceiver soft diagnostic timing characteristics notes: 1. time from rising edge of tx_disable to when the optical output falls below 10% of nominal. 2. time from falling edge of tx_disable to when the modulated optical output rises above 90% of nominal. 3. time from power on or falling edge of tx_disable to when the modulated optical output rises above 90% of nominal. 4. from power on or negation of tx_fault using tx_disable. 5. time tx_disable must be held high to reset the laser fault shutdown circuitry. 6. time from loss of optical signal to rx_los assertion. 7. time from valid optical signal to rx_los de-assertion. 8. time from two-wire interface assertion of tx_disable (a2h, byte 110, bit 6) to when the optical output falls below 10% of nominal. measured from falling clock edge after stop bit of write transaction. 9. time from two-wire interface de-assertion of tx_disable (a2h, byte 110, bit 6) to when the modulated optical output rises above 90% of nominal. 10. time from fault to two-wire interface tx_fault (a2h, byte 110, bit 2) asserted. 11. time for two-wire interface assertion of rx_los (a2h, byte 110, bit 1) from loss of optical signal. 12. time for two-wire interface de-assertion of rx_los (a2h, byte 110, bit 1) from presence of valid optical signal. 13. from power on to data ready bit asserted (a2h, byte 110, bit 0). data ready indicates analog monitoring circuitry is functional. 14. time from power on until module is ready for data transmission over the serial bus (reads or writes over a0h and a2h). 15. time from stop bit to completion of a 1-8 byte write command. parameter symbol minimum maximum unit notes hardware tx_disable assert time t_o 1 0 ms note 1 hardware tx_disable negate time t_on 1 m s note 2 time to initialize, including reset of tx_fault t_init 300 ms note 3 hardware tx_fault assert time t_fault 100 ms note 4 hardware tx_disable to reset t_reset 10 ms note 5 hardware rx_los assert time t_loss_on 100 ms note 6 hardware rx_los de-assert time t_loss_o 100 ms note 7 software tx_disable assert time t_o_soft 100 ms note 8 software tx_disable negate time t_on_soft 100 ms note 9 software tx_fault assert time t_fault_soft 100 ms note 10 software rx_los assert time t_loss_on_soft 100 ms note 11 software rx_los de-assert time t_loss_o_soft 100 ms note 12 analog parameter data ready t_data 1000 ms note 13 serial bus hardware ready t_serial 300 ms note 14 write cycle time t_write 10 ms note 15 serial id clock rate f_serial_clock 400 khz
12 table 9. transceiver digital diagnostic monitor (real time sense) characteristics parameter symbol min. units notes transceiver internal temperature t int 3.0 c temperature is measured internal to the transceiver. accuracy valid from = -40c to 85 c case temperature. transceiver internal supply v int 0.1 v supply voltage is measured internal to the transceiver voltage accuracy and can, with less accuracy, be correlated to voltage at the sfp vcc pin. valid over 3.3 v 5%. transmitter laser dc bias current i int 10 % i int is better than 10% of the nominal value. accuracy transmitted average optical p t 3.0 db coupled into 50/125 mm multi-mode ber. valid from100 mw to 500 mw, avg. output power accuracy received average optical input p r 3.0 db coupled from 50/125 mm multi-mode ber. valid from 31 mw to 500 mw, avg. power accuracy figure 6. transceiver timing diagrams (module installed except where noted). tx_fault v cc > 3.15 v t_init tx_disable transmitted signal t_init tx_fault v cc > 3.15 v tx_disable transmitted signal t-init: tx disable negated t-init: tx disable asserted tx_fault v cc > 3.15 v t_init tx_disable transmitted signal t_off tx_fault tx_disable transmitted signal t-init: tx disable negated, module hot plugged t-off & t-on: tx disable asserted then negated insertion t_on tx_fault occurance of fault t_fault tx_disable transmitted signal tx_fault occurance of fault tx_disable transmitted signal t-fault: tx fault asserted, tx signal not recovered t-reset: tx disable asserted then negated, tx signal recovered t_reset t_init* * sfp shall clear tx_fault in t_init if the failure is transient tx_fault occurance of fault t_fault2 tx_disable transmitted signal occurance of loss los t-fault2: tx disable asserted then negated, tx signal not recovered note: t_fault2 timing is typically 1.7 to 2 ms. t-loss-on & t-loss-off t_loss_on t_init* t_reset * sfp shall clear t?_fault in t_init if the failure is transient t_loss_off optical signal
13 table 10. eeprom serial id memory contents, page a0h byte decimal # hex data notes byte decimal # hex data notes 0 03 sfp physical device 37 00 vendor oui (note 4) 1 04 sfp function defned by serial id only 38 17 vendor oui (note 4) 2 07 lc optical connector 39 6a vendor oui (note 4) 3 00 40 41 "a" - vendor part number ascii character 4 00 41 46 "f" - vendor part number ascii character 5 00 42 42 "b" - vendor part number ascii character 6 01 1000basesx 43 52 "r" - vendor part number ascii character 7 00 44 2d "-" - vendor part number ascii character 8 00 45 35 "5" - vendor part number ascii character 9 00 46 37 "7" - vendor part number ascii character 10 00 47 31 "1" - vendor part number ascii character 11 01 compatible with 8b/10b encoded data 48 note 5 12 0c 1200mbps nominal bit rate (1.25gbps) 49 note 5 13 00 50 note 5 14 00 51 note 5 15 00 52 20 - vendor part number ascii character 16 37 550m of 50/125mm fber @ 1.25gbps (note 2) 53 20 " " - vendor part number ascii character 17 1b 275m of 62.5/125mm fber @ 1.25gbps (note 3) 54 20 " " - vendor part number ascii character 18 00 55 20 " " - vendor part number ascii character 19 00 56 20 " " - vendor revision number ascii character 20 41 'a' - vendor name ascii character 57 20 " " - vendor revision number ascii character 21 56 "v" - vendor name ascii character 58 20 - vendor revision number ascii character 22 41 "a" - vendor name ascii character 59 20 - vendor revision number ascii character 23 47 "g"- - vendor name ascii character 60 03 hex byte of laser wavelength (note 6) 24 4f "o" - vendor name ascii character 61 52 hex byte of laser wavelength (note 6) 25 20 " " - vendor name ascii character 62 00 26 20 - vendor name ascii character 63 checksum for bytes 0-62 (note 7) 27 20 - vendor name ascii character 64 00 28 20 - vendor name ascii character 65 1a hardware sfp tx_disable, tx_fault, & rx_los 29 20 - vendor name asciicharacter 66 00 30 20 - vendor name asciicharacter 67 00 31 20 - vendor name asciicharacter 68-83 vendor serial number, ascii (note 8) 32 20 - vendor name asciicharacter 84-91 vendor date code, ascii (note 9) 33 20 - vendor name asciicharacter 92 note 5 34 20 - vendor name asciicharacter 93 note 5 35 20 - vendor name asciicharacter 94 note 5 36 00 95 checksum for bytes 64-94 (note 7) 96 - 255 00 notes: 1. fc-pi speed 100 mbytes/sec is a serial bit rate of 1.0625 gbit/sec. 2. link distance with 50/125m cable at 1.25gbps is 550m. 3. link distance with 62.5/125m cable at 1.25gbps is 275m. 4. the ieee organizationally unique identifer (oui) assigned to avago technologies is 00-17-6a (3 bytes of hex). 5. see table 11 for part number extensions and data-felds. 6. laser wavelength is represented in 16 unsigned bits. the hex representation of 850nm is 0352. 7. addresses 63 and 95 are checksums calculated per sff-8472 and sff-8074, and stored prior to product shipment. 8. addresses 68-83 specify the modules ascii serial number and will vary by unit. 9. addresses 84-91 specify the modules ascii date code and will vary according to manufactured date-code.
14 table 11. part number extensions AFBR-5710ALZ afbr-5710apz afbr-5710lz afbr-5710pz address hex ascii address hex ascii address hex ascii address hex ascii 48 30 0 48 30 0 48 30 0 48 30 0 49 41 a 49 41 a 49 4c l 49 50 p 50 4c l 50 50 p 50 5a z 50 5a z 51 5a z 51 5a z 51 20 51 20 92 00 92 00 92 00 92 00 93 00 93 00 93 00 93 00 94 00 94 00 94 00 94 00 afbr-5715alz afbr-5715apz afbr-5715lz afbr-5715pz address hex ascii address hex ascii address hex ascii address hex ascii 48 35 5 48 35 5 48 35 5 48 35 5 49 41 a 49 41 a 49 4c l 49 50 p 50 4c l 50 50 p 50 5a z 50 5a z 51 5a z 51 5a z 51 20 51 20 92 68 92 68 92 68 92 68 93 f0 93 f0 93 f0 93 f0 94 01 94 01 94 01 94 01
15 table 12. eeprom serial id memory contents - address a2h (afbr-5715z family only) byte #decimal notes byte #decimal notes byte #decimal notes 0 temp h alarm msb 1 26 tx pwr l alarm msb 4 104 real time rx p av msb 5 1 temp h alarm lsb 1 27 tx pwr l alarm lsb 4 105 real time rx p av lsb 5 2 temp l alarm msb 1 28 tx pwr h warning msb 4 106 reserved 3 temp l alarm lsb 1 29 tx pwr h warning lsb 4 107 reserved 4 temp h warning msb 1 30 tx pwr l warning msb 4 108 reserved 5 temp h warning lsb 1 31 tx pwr l warning lsb 4 109 reserved 6 temp l warning msb 1 32 rx pwr h alarm msb 5 110 status/control - see table 13 7 temp l warning lsb 1 33 rx pwr h alarm lsb 5 111 reserved 8 v cc h alarm msb 2 34 rx pwr l alarm msb 5 112 flag bits - see table 14 9 v cc h alarm lsb 2 35 rx pwr l alarm lsb 5 113 flag bit - see table 14 10 v cc l alarm msb 2 36 rx pwr h warning msb 5 114 reserved 11 v cc l alarm lsb 2 37 rx pwr h warning lsb 5 115 reserved 12 v cc h warning msb 2 38 rx pwr l warning msb 5 116 flag bits - see table 14 13 v cc h warning lsb 2 39 rx pwr l warning lsb 5 117 flag bits - see table 14 14 v cc l warning msb 2 40-55 reserved 118 reserved 15 v cc l warning lsb 2 56-94 external calibration constants 6 119 reserved 16 tx bias h alarm msb 3 95 checksum for bytes 0-94 7 120-122 reserved 17 tx bias h alarm lsb 3 96 real time temperature msb 1 123 18 tx bias l alarm msb 3 97 real time temperature lsb 1 124 19 tx bias l alarm lsb 3 98 real time vcc msb 2 125 20 tx bias h warning msb 3 99 real time vcc lsb 2 126 21 tx bias h warning lsb 3 100 real time tx bias msb 3 127 reserved 8 22 tx bias l warning msb 3 101 real time tx bias lsb 3 128-247 customer writable 9 23 tx bias l warning lsb 3 102 real time tx power msb 4 248-255 vendor specifc 24 tx pwr h alarm msb 4 103 real time tx power lsb 4 25 tx pwr h alarm lsb 4 notes : 1. temperature (temp) is decoded as a 16 bit signed twos compliment integer in increments of 1/256 c. 2. supply voltage (v cc) is decoded as a 16 bit unsigned integer in increments of 100 v. 3. laser bias current (tx bias) is decoded as a 16 bit unsigned integer in increments of 2 a. 4. transmitted average optical power (tx pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 w. 5. received average optical power (rx pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 w. 6. bytes 55-94 are not intended from use with afbr-5715z, but have been set to default values per sff-8472. 7. bytes 95 is a checksum calculated (per sff-8472) and stored prior to product shipment. 8. byte 127 accepts a write but performs no action (reserved legacy byte). 9. bytes 128-247 are write enabled (customer writable).
16 table 13. eeprom serial id memory contents - address a2h, byte 110 (afbr-5715z family only) bit # status/control name description 7 tx disable state digital state of sfp tx disable input pin (1 = tx_ disable asserted) 6 soft tx disable read/write bit for changing digital state of sfp tx_disable function 1 5 reserved 4 rx rate select state digital state of sfp rate select input pin (1 = full bandwidth of 155 mbit) 2 3 reserved 2 tx fault state digital state of the sfp tx fault output pin (1 = tx fault asserted) 1 rx los state digital state of the sfp los output pin (1 = los asserted) 0 data ready (bar) indicates transceiver is powered and real time sense data is ready (0 = ready) notes: 1. bit 6 is logic ord with the sfp tx_disable input pin 3 ... either asserted will disable the sfp transmitter. 2. afbr-5715z does not respond to state changes on rate select input pin. it is internally hardwired to full bandwidth. table 14. eeprom serial id memory contents - address a2h, bytes 112, 113, 116, 117 (afbr-5715z family only) byte bit # flag bit name description 112 7 temp high alarm set when transceiver nternal temperature exceeds high alarm threshold. 6 temp low alarm set when transceiver internal temperature exceeds alarm threshold. 5 v cc high alarm set when transceiver internal supply voltage exceeds high alarm threshold. 4 v cc low alarm set when transceiver internal supply voltage exceeds low alarm threshold. 3 tx bias high alarm set when transceiver laser bias current exceeds high alarm threshold. 2 tx bias low alarm set when transceiver laser bias current exceeds low alarm threshold. 1 tx power high alarm set when transmitted average optical power exceeds high alarm threshold. 0 tx power low alarm set when transmitted average optical power exceeds low alarm threshold. 113 7 rx power high alarm set when received p_avg optical power exceeds high alarm threshold. 6 rx power low alarm set when received p_avg optical power exceeds low alarm threshold. 0-5 reserved 116 7 temp high warning set when transceiver internal temperature exceeds high warning threshold. 6 temp low warning set when transceiver internal temperature exceeds low warning threshold. 5 v cc high warning set when transceiver internal supply voltage exceeds high warning threshold. 4 v cc low warning set when transceiver internal supply voltage exceeds low warning threshold. 3 tx bias high warning set when transceiver laser bias current exceeds high warning threshold. 2 tx bias low warning set when transceiver laser bias current exceeds low warning threshold. 1 tx power high warning set when transmitted average optical power exceeds high warning threshold. 0 tx power low warning set when transmitted average optical power exceeds low warning threshold. 117 7 rx power high warning set when received p_avg optical power exceeds high warning threshold. 9 rx power low warning set when received p_avg optical power exceeds low warning threshold. 0-5 reserved
17 figure 7. module drawing 13.80.1 [0.5410.004] 2.60 [0.10] 55.20.2 [2.170.01] 13.40.1 [0.5280.004] device shown with dust cap and bail wire delatch 6.250.05 [0.2460.002] tx rx dimensions are in millimeters (inches) 8.50.1 [0.3350.004] front edge of sfp transceiver cage 0.7 max. uncompressed [0.028] 13.00.2 [0.5120.008] standard delatch 6.6 [0.261] 13.50 [0.53] area for process plug 14.8 max. uncompressed [0.583] 12.10.2 [0.480.01] avago afbr-571xz 850 nm laser prod 21cfr(j) class 1 country of origin yyww tuv xxxxxx ul
18 figure 8. sfp host board mechanical layout 2x 1.7 20x 0.5 0.03 0.9 2 0.05 typ . 0.06 l a s b s 10.53 11.93 20 10 11 pin 1 20 10 11 pin 1 0.8 typ . 10.93 9.6 2x 1.55 0.05 3.2 5 4 3 2 1 1 26.8 5 11x 2.0 3x 10 41.3 42.3 10x 1.05 0.01 16.25 ref . 14.25 11.08 8.58 5.68 11x 2.0 11.93 9.6 4.8 8.48 a 3.68 see det ail 1 9x 0.95 0.05 2.5 7.1 7.2 2.5 34.5 16.25 min. pitch y x det ail 1 ? 0.85 0.05 pcb edge 0.06 s a s b s ? 0.1 l a s b s ? 0.1 l x a s ? 0.1 s x a s ? 0.1 s x y 3x 10 b notes 1. pads and vias are chassis ground 2. through holes, plating optional. 3. hatched area denotes component and trace keepout (except chassis ground). 4. area denotes component keepout (traces allowed). dimensions in millimeters
19 figure 9. assembly drawing. 15 (0.59) 41.73 0.5 (1.64 0.02) 3.5 0.3 (0.14 0.01) 1.7 0.9 (0.07 0.04) bezel pcb area for process plug 10 (0.39) to pcb ref 0.4 0.1 (0.02 0.004) below pcb 10.4 0.1 (0.41 0.004) 15.25 0.1 (0.60 0.004) msa -specified bezel 16.25 0.1 (0.64 0.004) min. pitch dimensions are in millimeters (inches). 11 (0.43) 1.5 (0.06) below pcb ref . 9.8 (0.39) cage assembl y ref . max. max.
for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2013 avago technologies. all rights reserved. obsoletes av01-0181en av02-3012en - january 25, 2013 ordering information please contact your local feld sales engineer or one of avago technologies franchised distributors for ordering infor - mation. for technical information, please visit avago technologies web-page at www.avagotech.com or contact one of avago technologies regional technical response centers. for information related to sff committee documentation visit www.sfcommittee.org .


▲Up To Search▲   

 
Price & Availability of AFBR-5710ALZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X